Part Number Hot Search : 
SAB8726 F6071K5F D170S25 AN3122 MIC5302 61010 CDH7306 CD4502BF
Product Description
Full Text Search
 

To Download 192P101X9200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 42024 revision 13-nov-03 www.vishay.com 70 type 192p pacer vishay sprague for technical questions, contact spresale@vishay .com polyester film/foil capacitors sleeved, miniature, axial lead features axial lead, designed for automatic insertion non-inductively wound, extended foil construction lead wire has metal end cap for connection to extended foil moisture resistant encased in an orange heat shrinkable polyolefin sleeve available tape and reeled to eia specifications for automatic insertion performance characteristics operating temperature: - 55 c to + 85 c. capacitance range: 0.0001 f to 0.39 f. capacitance tolerance: 20%, 10%, 5%. other tolerances available upon request. dc voltage rating: 80 wvdc to 600 wvdc. voltage derating: at + 105 c: 70% of + 85 c rating. at + 125 c: 50% of + 85 c rating. dissipation factor: 1.0% maximum. voltage test: 200% of rated voltage for 1 minute. insulation resistance: at + 25 c: 100,000 megohm minimum. at + 85 c: 15,000 megohm minimum. at + 105 c: 2000 megohm minimum. at + 125 c: 200 megohm minimum. physical characteristics lead pull: 5 pounds (2.3 kilograms) for 1 minute. no physical damage. lead bend: after three complete consecutive bends, no damage. marking: sprague ? trademark, type 192p, voltage, capacitance, tolerance and date code. environmental characteristics dc life test: 150% of rated voltage for 250 hours @ + 85 c. no open or short circuits. no visible damage. maximum ? cap 10%, maximum. minimum ? ir 50% of initial limit, minimum. maximum ? df 1.0%. humidity test: 95% relative humidity @ + 40 c for 500 hours. no visible damage. minimum ir = 50% of initial limit. dimensions in inches [millimeters] dissipation capacitance change - 55 -40 -25 0 + 25 + 50 + 75 + 85 + 105 + 125 - 50 + 100 temperature deg. centigrade 1.5 1.0 .5 0 percent dissipation - 100hz 16 14 12 10 8 6 4 2 0 2 4 6 percent capacitance change - 1000hz - 55 -40 -25 0 + 25 + 50 + 75 + 85 + 105 + 125 - 50 + 100 temperature deg. centigrade 1.250 [31.750] min. l max. 1.250 [31.750] min. .032" [0.813] diameter (no. 20 awg) copper-clad steel leads except that .025" [.635] diameter (no. 22 awg) leads will be supplied on .153" [3.886] and .185" [4.699] diameter units. d max.
www.vishay.com 71 type 192p pacer vishay sprague document number: 42024 revision 13-nov-03 for technical questions, contact spresale@vishay .com l 192p222x9080 192p272x9080 192p332x9080 192p392x9080 192p472x9080 192p562x9080 192p682x9080 192p822x9080 192p103x9080* 192p123x9080 192p153x9080 192p183x9080 192p223x9080* 192p273x9080 192p333x9080 192p393x9080 192p473x9080* 192p563x9080 192p683x9080 192p823x9080 192p104x9080* 192p124x9080 192p154x9080 192p184x9080 192p224x9080 192p274x9080 192p334x9080 192p394x9080 size d 80 vdc/55 vac** 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.500 [12.700] 0.500 [12.700] 0.500 [12.700] 0.500 [12.700] 0.562 [14.275] 0.562 [14.275] 0.625 [15.875] 0.625 [15.875] 0.562 [14.275] 0.562 [14.275] 0.687 [17.450] 0.687 [17.450] 0.687 [17.450] 0.687 [17.450] 0.645 [16.383] 0.645 [16.383] 0.770 [19.558] 0.770 [19.558] 0.770 [19.558] 0.770 [19.558] 1.020 [25.908] 1.332 [33.833] 1.332 [33.833] 200 vdc/140 vac** 0.00010 0.00012 0.00015 0.00018 0.00022 0.00027 0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 note: shaded part numbers shown above are standard stock items available through the vishay/sprague ? distribution network. packaging for these items is bulk, however tape and reel packaging is readily available on special order. also, any non-standard part number may always be ordered as a special. in addition, the four part numbers indicated by a * when ordered with a 5% capacitance tolerance (i.e. part number 192p103x5080) are also standard stock items. **60hz rms. pacer ? is a registered trademark of sprague ? . 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.437 [11.100] 0.562 [14.275] 0.562 [14.275] 0.562 [14.275] 0.562 [14.275] 0.625 [15.875] 0.625 [15.875] capacitance ( f) part number 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.153 [3.886] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.229 [5.817] 0.229 [5.817] 0.229 [5.817] 0.229 [5.817] 0.250 [6.350] 0.250 [6.350] 0.315 [8.00] 0.315 [8.00] 0.315 [8.00] 0.315 [8.00] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 192P101X9200 192p121x9200 192p151x9200 192p181x9200 192p221x9200 192p271x9200 192p331x9200 192p391x9200 192p471x9200 192p561x9200 192p681x9200 192p821x9200 192p102x9200 192p122x9200 192p152x9200 192p182x9200 192p222x9200 192p272x9200 192p332x9200 192p392x9200 192p472x9200 192p562x9200 192p682x9200 192p822x9200 192p103x9200 standard ratings in inches [millimeters]
document number: 42024 revision 13-nov-03 www.vishay.com 72 type 192p pacer vishay sprague for technical questions, contact spresale@vishay .com 200 vdc/140 vac** standard ratings in inches [millimeters] l size d capacitance ( f) part number 400 vdc/200 vac** 192p471x9400 192p561x9400 192p681x9400 192p821x9400 192p102x9400 192p122x9400 192p152x9400 192p182x9400 192p222x9400 192p272x9400 192p332x9400 192p392x9400 192p472x9400 192p562x9400 192p682x9400 192p822x9400 192p103x9400 192p123x9400 192p153x9400 192p183x9400 192p223x9400 192p273x9400 192p333x9400 192p393x9400 192p473x9400 192p563x9400 192p683x9400 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.229 [5.817] 0.229 [5.817] 0.229 [5.817] 0.229 [5.817] 0.250 [6.350] 0.250 [6.350] 0.250 [6.350] 0.250 [6.350] 0.315 [8.00] 0.315 [8.00] 0.315 [8.00] 0.315 [8.00] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.500 [12.700] 0.500 [12.700] 0.500 [12.700] 0.500 [12.700] 0.500 [12.700] 0.500 [12.700] 0.500 [12.700] 0.562 [14.275] 0.562 [14.275] 0.562 [14.275] 0.562 [14.275] 0.562 [14.275] 0.562 [14.275] 0.687 [17.450] 0.687 [17.450] 0.687 [17.450] 0.687 [17.450] 0.645 [16.383] 0.645 [16.383] 0.770 [19.558] 0.770 [19.558] 0.770 [19.558] 0.770 [19.558] 1.020 [25.908] 1.020 [25.908] 1.332 [33.833] 1.332 [33.833] 0.00047 0.00056 0.00068 0.00082 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 600 vdc/200 vac* 0.00047 0.00056 0.00068 0.00082 0.001 0.0012 0.0015 0.0018 0.0022 note: shaded part numbers shown above are standard stock items available through the vishay/sprague ? distribution network. packaging for these items is bulk, however tape and reel packaging is readily available on special order. also, any non-standard part number may always be ordered as a special. **60hz rms. 192p471x9600 192p561x9600 192p681x9600 192p821x9600 192p102x9600 192p122x9600 192p152x9600 192p182x9600 192p222x9600 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.185 [4.699] 0.229 [5.817] 0.229 [5.817] 0.229 [5.817] 0.229 [5.817] 0.562 [14.275] 0.562 [14.275] 0.562 [14.275] 0.625 [15.875] 0.625 [15.875] 0.562 [14.275] 0.562 [14.275] 0.687 [17.450] 0.687 [17.450] 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 192p123x9200 192p153x9200 192p183x9200 192p223x9200 192p273x9200 192p333x9200 192p393x9200 192p473x9200 192p563x9200 192p683x9200 192p823x9200 192p104x9200 192p124x9200 192p154x9200 192p184x9200 192p224x9200 0.229 [5.817] 0.229 [5.817] 0.229 [5.817] 0.229 [5.817] 0.250 [6.350] 0.250 [6.350] 0.315 [8.00] 0.315 [8.00] 0.315 [8.00] 0.315 [8.00] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.562 [14.275] 0.562 [14.275] 0.687 [17.450] 0.687 [17.450] 0.687 [17.450] 0.687 [17.450] 0.645 [16.383] 0.645 [16.383] 0.770 [19.558] 0.770 [19.558] 0.770 [19.558] 0.770 [19.558] 1.020 [25.908] 1.020 [25.908] 1.332 [33.833] 1.332 [33.833]
www.vishay.com 73 type 192p pacer vishay sprague document number: 42024 revision 13-nov-03 for technical questions, contact spresale@vishay .com 600 vdc/200 vac* 192p272x9600 192p332x9600 192p392x9600 192p472x9600 192p562x9600 192p682x9600 192p822x9600 192p103x9600 192p123x9600 192p153x9600 192p183x9600 192p223x9600 192p273x9600 192p333x9600 ** specific quantities can be tape and reeled per eia standard rs-296-d. the 192p pacer ? is available in bulk pack or tape and reeled per eia standard rs-296-d. a suffix is not required for bulk packaging. l size d capacitance ( f) part number standard ratings in inches [millimeters] 0.250 [6.350] 0.250 [6.350] 0.315 [8.00] 0.315 [8.00] 0.315 [8.00] 0.315 [8.00] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.343 [8.712] 0.687 [17.450] 0.687 [17.450] 0.770 [19.558] 0.770 [19.558] 0.770 [19.558] 0.770 [19.558] 0.770 [19.558] 0.770 [19.558] 1.020 [25.908] 1.020 [25.908] 1.020 [25.908] 1.020 [25.908] 1.332 [33.833] 1.332 [33.833] 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 * 60hz rms. standard marking format 1250 1000 1000 750 class ii, level 1, .400" [10.160] pitch 3000 3000 p303 p304 class i, level 1, .200" [5.080] pitch then add the "p" suffix p305 p384 p347 p347 0.153 [3.886] 0.185 [4.699] 0.229 [5.817] 0.250 [6.350] 0.315 [8.00] 0.343 [8.712] if the "d" dimension is: packaging in inches [millimeters] ordering information this is expressed in volts. a suffix may be added by the factory to denote special construction, packaging, marking, etc. 192p type 222 capacitance this is expressed in picofarads. the first two digits are the significant figures. the third is the number of zeros to follow (ex. 222 = 2200pf = .0022 f; 473 = 47000pf = .047 f, etc.) x9 capacitance tolerance 200 dc voltage rating x0 = 20% x9 = 10% x5 = 5% ? 192p 200 v 222k 9325 sprague ? identification type dc voltage rating, volts capacitance (see how to order) and tolerance weekly date code (i.e. 25th week of 1993) sample marking ? 192p200 v 222k9325 tolerance codes per eia standards j= 5% k= 10% m= 20% standard quantity per reel** description * tape & reel. t* xxxx
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of 192P101X9200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X